www.ledidea.com * speci cations subject to change without notice. dimensions are in mm0.25 unless stated otherwise. idea, inc., 1351 titan way, brea, ca 92821 ph:714-525-3302, 800-led-idea; fax: 714-525-3304 2005g t -1, (3-mm) round, tri-level pcb mount led indicator, G183B series the G183B is a right-angle view assembly of 3 t-1 leds arranged in a column. this indicator array is designed to be a more com pact replacement part for similar units on the market. recommended pitch is 4.4 mm(0.173") when a large number of units are placed side- b y-side. this series can also be supplied with pinout reversed from that shown by adding ?-rl? to the order code of the part n umber. specify part desired as follows: G183B/order code led1 + order code led 2 + order code led 3 f or example: ?G183B/h+y+g? designates red led on top, yellow led in the middle and green led on the bottom. ?G183B/(h+y+g)-rl? designates the same assembly with all leads reversed order code and information (all ratings at 25c ambient) led lamp typical characteristics recom. op. if (ma) epoxy & type color order code p eak vf (v) iv (mcd) 2 1/2 (nm) @if=20ma @if=10ma (deg) tinted diffused resistor required hi eff red i 635 2.0 10 60 10-20 green g 565 2.1 10 60 10-20 y ellow y 585 2.0 10 60 10-20 orange o 610 2.0 10 60 10-20 tinted transparent high brightness hi eff red it 635 2.0 40 40 10-20 green gt 565 2.1 40 40 10-20 y ellow yt 585 2.0 40 40 10-20 tinted diffused f or 2ma operation hi eff red i2 635 2.0 1.0 @ 2ma 60 2-10 green g2 565 2.1 1.0 @ 2ma 60 2-10 y ellow y2 585 2.0 1.0 @ 2ma 60 2-10 tinted diffused 5v operation hi eff red i5 635 - 10 60 5 v green g5 565 - 10 60 5 v y ellow y5 585 - 10 60 5 v white diffused bipolar, bicolor red/green eg 635/565 2.0/2.1 4 / 4 90 10-20 y ellow/green yg 585/565 2.0/2.1 4 / 4 90 10-20 red/yellow ey 635/585 2.0/2.0 4 / 4 90 10-20 4.3(0.17") 5.08(0.2") 5.08(0.2") 2.54(0.1") 14.7 (0.58") (typ for bi-color) green anode red or yellow anode + ? (pinout for single color) 4.45 (.175) 10.9(0.43") 2.6 (0.1") 2.54 typ (0.1")
|